Part Number Hot Search : 
74F82300 HER308 BUT11A 7456M 29GL032 MC10E MAX41 BA202
Product Description
Full Text Search
 

To Download RGP10B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RGP10A thru RGP10M
Glass Passivated Junction Fast Switching Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
Features
Plastic package has Underwriters Laboratories Flammability Classification 94V-0 High temperature metallurgically bonded construction Cavity-free glass passivated junction Capable of meeting environmental standards of MIL-S-19500 For use in high frequency rectifier circuits Fast switching for high efficiency 1.0 Ampere operation at TA=55C with no thermal runaway Typical IR less than 0.1A High temperature soldering guaranteed: 350C/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
Mechanical Data
Case: JEDEC DO-204AL(DO-41)/A-405 molded plastic over galss body Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: DO-41 - 0.012 ounce, 0.335 gram A-405 - 0.008 ounce, 0.235 gram
Note: Lead diameter is 0.025(0.64)/0.021(0.53) for suffix "S" part numbers
Maximum Ratings and Electrical Characteristics
Ratings at 25oC ambient temperature unless otherwise specified.
Parameter Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375" (9.5mm) lead length at TA=55oC Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum full load reverse current, full cycle average 0.375" (9.5mm) lead length at TA=55oC Maximum instantaneous forward voltage at 1.0A Maximum DC reverse current at rated DC blocking voltage Maximum reverse recovery time at IF=0.5A, IR=1.0A, Irr=0.25A Typical junction capacitance at 4.0V, 1MHz Typical thermal resistance (Note 1) Operating junction and storage temperature range @TA=25oC @TA=150oC Symbol VRRM VRMS V DC IF(AV) IFSM IR(AV) VF IR trr CJ RJA TJ, TSTG 150 15.0 55.0 -55 to +150
o
RGP 10A 50 35 50
RGP 10B 100 70 100
RGP 10D 200 140 200
RGP 10G 400 280 400 1.0 30.0 100 1.3 5.0 200
RGP 10J 600 420 600
RGP 10K 800 560 800
RGP 10M 1000 700 1000
Unit Volts Volts Volts Amp Amps uA Volts uA
250
500
nS pF C/W
o
C
Notes:
1. Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length, P.C.B. mounted
81
RATINGS AND CHARACTERISTIC CURVES
(TA = 25oC unless otherwise noted)
82


▲Up To Search▲   

 
Price & Availability of RGP10B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X